Part Number Hot Search : 
14KESD10 T89C5 2W47RJ 73050 RF100 1035C 16800 MTB60
Product Description
Full Text Search
 

To Download MICROSMD110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Raychem Corporation 300 Constitution Drive Menlo Park, CA 94025 800-227-4856 FAX 800-227-4866
R
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: MICROSMD110
DOCUMENT: SCD24404 PCN: 848919 REV LETTER: D REV DATE: FEBRUARY 26, 2000 PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Voltage: 6V DC Current: 40A
Notes: 1. All terminations are tin/lead plated. 2. Devices can be wave soldered. 3. Drawing not to scale Marking:
TABLE I. DIMENSIONS:
A MIN MAX 3.00 3.43 0.118 0.135 B MIN 2.35 0.092 MAX 2.80 0.111 MIN 0.28 0.011 C MAX 0.48 0.019 D MIN 0.25 0.010 E MIN 0.20 0.008
mm: in:*
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
IHOLD ** CURRENT TRIP LIMITS** RATED CURRENT AMPERES AMPERES AMPERES AMPERES AT 20C AT -40C AT 20C AT 60C HOLD HOLD TRIP HOLD TRIP HOLD TRIP 1.10 1.60 3.20 1.10 2.20 0.80 1.60 TIME TO TRIP ** SECONDS AT 20C, 5A MAX 1.0 SECONDS AT 20C, 8A MAX 0.2 RESISTANCE VALUES TRIPPEDSTATE POWER DISSIPATION** OHMS WATTS AT AT 20C 20C, 6V MIN MAX* MAX 0.07 0.21 0.8
*Maximum resistance is measured 1 hour after reflow. ** Values specified were determined using PCB's with 0.030"X1.5 ounce copper traces.
Reference Documents: Precedence: Effectivity: CAUTION:
PS300, E. N. SMD1.0x This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


▲Up To Search▲   

 
Price & Availability of MICROSMD110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X